Part Number Hot Search : 
TOM9114 MLX90242 X105SE0 LX2172 HSMA4004 SBR02 1040CT IRFF9111
Product Description
Full Text Search
 

To Download 4N33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by 4N29/D
GlobalOptoisolatorTM
6-Pin DIP Optoisolators Darlington Output
The 4N29/A, 4N30, 4N31, 4N32(1) and 4N33(1) devices consist of a gallium arsenide infrared emitting diode optically coupled to a monolithic silicon photodarlington detector. This series is designed for use in applications requiring high collector output currents at lower input currents. * Higher Sensitivity to Low Input Drive Current * Meets or Exceeds All JEDEC Registered Specifications * To order devices that are tested and marked per VDE 0884 requirements, the suffix "V" must be included at end of part number. VDE 0884 is a test option. Applications * Low Power Logic Circuits * Interfacing and coupling systems of different potentials and impedances * Telecommunications Equipment * Portable Electronics * Solid State Relays MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating INPUT LED Reverse Voltage Forward Current -- Continuous LED Power Dissipation @ TA = 25C Derate above 25C OUTPUT DETECTOR Collector-Emitter Voltage Emitter-Collector Voltage Collector-Base Voltage Collector Current -- Continuous Detector Power Dissipation @ TA = 25C Derate above 25C TOTAL DEVICE Isolation Surge Voltage(2) (Peak ac Voltage, 60 Hz, 1 sec Duration) Total Device Power Dissipation @ TA = 25C Derate above 25C Ambient Operating Temperature Range(3) Storage Temperature Range(3) Soldering Temperature (10 sec, 1/16 from case) VISO PD TA Tstg TL 7500 250 2.94 - 55 to +100 - 55 to +150 260 Vac(pk) mW mW/C C C C VCEO VECO VCBO IC PD 30 5 30 150 150 1.76 Volts Volts Volts mA mW mW/C VR IF PD 3 60 120 1.41 Volts mA mW mW/C Symbol Value Unit
4N29 4N29A 4N30 * 4N31 4N32 * 4N33 *
[CTR = 100% Min] [CTR = 50% Min] [CTR = 500% Min] *Motorola Preferred Devices
STYLE 1 PLASTIC
6
1
STANDARD THRU HOLE CASE 730A-04
SCHEMATIC
1 2 3 PIN 1. 2. 3. 4. 5. 6. LED ANODE LED CATHODE N.C. EMITTER COLLECTOR BASE 6 5 4
1. Difference in 4N32 and 4N33 is JEDEC Registration for VISO only. All Motorola 6-Pin devices exceed JEDEC specification and are 7500 Vac(pk). The same applies for 4N29 and 4N30. 2. Isolation surge voltage is an internal device dielectric breakdown rating. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common. 3. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
Preferred devices are Motorola recommended choices for future use and best overall value.
GlobalOptoisolator is a trademark of Motorola, Inc. REV 4
Motorola Optoelectronics Device Data (c) Motorola, Inc. 1995
1
4N29 4N29A 4N30 4N31 4N32 4N33
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)(1)
Characteristic INPUT LED *Reverse Leakage Current (VR = 3 V, RL = 1 M ohms) *Forward Voltage (IF = 10 mA) Capacitance (VR = 0 V, f = 1 MHz) OUTPUT DETECTOR (TA = 25C and IF = 0, unless otherwise noted) *Collector-Emitter Dark Current (VCE = 10 V, Base Open) *Collector-Base Breakdown Voltage (IC = 100 A, IE = 0) *Collector-Emitter Breakdown Voltage (IC = 100 A, IB = 0) *Emitter-Collector Breakdown Voltage (IE = 100 A, IB = 0) DC Current Gain (VCE = 5 V, IC = 500 A) COUPLED (TA = 25C unless otherwise noted) *Collector Output Current (3) 4N32, 4N33 (VCE = 10 V, IF = 10 mA) 4N29, 4N30 4N31 Isolation Surge Voltage(4,5) (60 Hz ac Peak, 1 Second) Isolation Resistance(4) (V = 500 V) *Collector-Emitter Saturation Voltage(3) (IC = 2 mA, IF = 8 mA) Isolation Capacitance(4) (V = 0 V, f = 1 MHz) Turn-On Time(6) (IC = 50 mA, IF = 200 mA, VCC = 10 V) Turn-Off Time(6) (IC = 50 mA, IF = 200 mA, VCC = 10 V) 4N29, 30, 31 4N32, 33 4N31 4N29, 4N30, 4N32, 4N33 4N29/A, 4N30, 31, 32, 33 *4N29, 4N32 *4N30, 4N31, 4N33
ICEO
Symbol
Min
Typ(1)
Max
Unit A Volts pF
IR VF C
-- -- --
0.05 1.34 1.8
100 1.5 --
-- 30 30 5 --
-- -- -- -- 16K
100 -- -- -- --
nA Volts Volts Volts --
V(BR)CBO V(BR)CEO V(BR)ECO hFE
IC (CTR)(2)
50 (500) 10 (100) 5 (50) 7500 2500 1500 -- -- -- -- --
-- -- -- -- -- -- 1011 -- -- 0.2 0.6
-- -- -- -- -- -- -- 1.2 1 -- 5
mA (%)
VISO
Vac(pk)
RISO VCE(sat) CISO ton toff
Ohms Volts pF s s
-- --
17 45
40 100
* Indicates JEDEC Registered Data. All Motorola 6-pin devices have VISO rating of 7500 Vac(pk). 1. Always design to the specified minimum/maximum electrical limits (where applicable). 2. Current Transfer Ratio (CTR) = IC/IF x 100%. 3. Pulse Test: Pulse Width = 300 s, Duty Cycle 2%. 4. For this test, Pins 1 and 2 are common and Pins 4, 5 and 6 are common. 5. Isolation Surge Voltage, VISO, is an internal device dielectric breakdown rating. 6. For test circuit setup and waveforms, refer to Figure 11.
p
2
Motorola Optoelectronics Device Data
4N29 4N29A 4N30 4N31 4N32 4N33
TYPICAL CHARACTERISTICS
2 VF, FORWARD VOLTAGE (VOLTS) 1.8 PULSE ONLY PULSE OR DC I C , OUTPUT COLLECTOR CURRENT (NORMALIZED) 10 NORMALIZED TO: IF = 10 mA TA = 25C 1
1.6 1.4 TA = -55C 25C 1 1 100C 10 100 IF, LED FORWARD CURRENT (mA) 1000 1.2
0.1
TA = -55C THRU +25C +70C +100C
0.01 0.5 1 2 5 10 20 50 IF, LED INPUT CURRENT (mA)
Figure 1. LED Forward Voltage versus Forward Current
IC, OUTPUT COLLECTOR CURRENT (NORMALIZED)
Figure 2. Output Current versus Input Current
140 IC , COLLECTOR CURRENT (mA) 120 IF = 10 mA 100 80 5 mA 60 40 20 0 0 1 2 2 mA 1 mA 3 4 5 6 7 8 9 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 10
10 7 5 2 1 0.7 0.5 0.2 0.1 -60 -40 -20 0 20 40 60 80 TA, AMBIENT TEMPERATURE (C) 100 NORMALIZED TO TA = 25C
Figure 3. Collector Current versus Collector-Emitter Voltage
VCE , COLLECTOR-EMITTER VOLTAGE (NORMALIZED)
Figure 4. Output Current versus Ambient Temperature
ICEO, COLLECTOR-EMITTER DARK CURRENT (NORMALIZED)
105 104 103 102 30 V 10 10 V 1 0 20 40 60 TA, AMBIENT TEMPERATURE (C) 80 100 NORMALIZED TO: VCE = 10 V NORMALIZED TO: TA = 25C
1.3 1.2 1.1 1 0.9 0.8 0.7 -60 -40 -20 0 20 40 60 80 TA, AMBIENT TEMPERATURE (C) 100 NORMALIZED TO TA = 25C
Figure 5. Collector-Emitter Voltage versus Ambient Temperature
Figure 6. Collector-Emitter Dark Current versus Ambient Temperature
Motorola Optoelectronics Device Data
3
4N29 4N29A 4N30 4N31 4N32 4N33
1000 VCC = 10 V 100 t, TIME (s) RL = 1000 t, TIME (s) 100 1000 RL = 1000 100 10 10
10
100
10 1 0.1 0.2 0.5 1 2 5 10 20 IF, LED INPUT CURRENT (mA) 50 100 1 0.1 0.2 0.5
VCC = 10 V 1 2 5 10 20 IF, LED INPUT CURRENT (mA) 50 100
Figure 7. Turn-On Switching Times
14 IC, TYPICAL COLLECTOR CURRENT (mA) 12 10 0.5 A 8 0.4 A 6 4 2 0 0 2 4 0.3 A 0.2 A 0.1 A 6 8 10 12 14 16 18 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 20 1 0.01 IF = 0 100
Figure 8. Turn-Off Switching Times
IB = 0.7 A C, CAPACITANCE (pF) 0.6 A
CLED f = 1 MHz 10 CCB
CEB
CCE
0.1
1 V, VOLTAGE (VOLTS)
10
100
Figure 9. DC Current Gain (Detector Only)
Figure 10. Capacitances versus Voltage
TEST CIRCUIT
VCC = 10 V IC = 50 mA RL IF = 200 mA INPUT PULSE WIDTH < 1 ms OUTPUT 10%
WAVEFORMS
INPUT PULSE
OUTPUT PULSE 90% tr ton tf toff
Figure 11. Switching Time Test Circuit and Waveforms
4
Motorola Optoelectronics Device Data
4N29 4N29A 4N30 4N31 4N32 4N33
PACKAGE DIMENSIONS
-A-
6 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. DIM A B C D E F G J K L M N INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.008 0.012 0.100 0.150 0.300 BSC 0_ 15 _ 0.015 0.100 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.21 0.30 2.54 3.81 7.62 BSC 0_ 15 _ 0.38 2.54
-B-
1 3
F 4 PL
N
C
L
-T-
SEATING PLANE
K G J 6 PL 0.13 (0.005) TA
M M
E 6 PL D 6 PL 0.13 (0.005)
M
M
TB
M
A
M
B
M
STYLE 1: PIN 1. 2. 3. 4. 5. 6.
ANODE CATHODE NC EMITTER COLLECTOR BASE
CASE 730A-04 ISSUE G
-A-
6 1 4
-B-
3
S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.020 0.025 0.008 0.012 0.006 0.035 0.320 BSC 0.332 0.390 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.51 0.63 0.20 0.30 0.16 0.88 8.13 BSC 8.43 9.90
F 4 PL
H C
L
-T- G E 6 PL D 6 PL 0.13 (0.005)
M
J K 6 PL 0.13 (0.005) TA
M M
SEATING PLANE
TB
M
A
M
B
M
DIM A B C D E F G H J K L S
CASE 730C-04 ISSUE D
*Consult factory for leadform option availability
Motorola Optoelectronics Device Data
5
4N29 4N29A 4N30 4N31 4N32 4N33
-A-
6 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. DIM A B C D E F G J K L N INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.008 0.012 0.100 0.150 0.400 0.425 0.015 0.040 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.21 0.30 2.54 3.81 10.16 10.80 0.38 1.02
-B-
1 3
F 4 PL
N C
L
-T-
SEATING PLANE
G D 6 PL
K 0.13 (0.005)
M
J TA
M
E 6 PL
B
M
*Consult factory for leadform option availability
CASE 730D-05 ISSUE D
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
6
Motorola Optoelectronics Device Data 4N29/D
*4N29/D*


▲Up To Search▲   

 
Price & Availability of 4N33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X